Part Number Hot Search : 
ML2031IP TMP47P 1210X22 HE371B DVD737 PAN13XX MN3727FE UPG2118
Product Description
Full Text Search
 

To Download BAT54S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RECTRON
TECHNICAL SPECIFICATION
SEMICONDUCTOR
DUAL SURFACE MOUNT SCHOTTKY
BAT54S
Absolute Maximun Ratings per Diode (Ta=25oC)
Dimensions
SOT-23
Items
Reverse Voltage Power Dissipation * Forward Voltage @ If = 100mA Forward Current Junction Temp. Storage Temp.
Symbol
VR PTOT VF IF TJ TSTG
Ratings
30 300 1.0 200 -55 to 125 -55 to 150
Unit
V mW V mA
o o
C C
Mechanical Data
Items
P a cka g e Lead Frame Lead Finish Bond Wire Mold Resin Chip
Materials
SOT-23 42 Alloy Solder Plating Au Epoxy Silicon
Electrical Characteristics per diode (Ta=25oC)
Ratings
Minimum Repetitive Peak Reverse Voltage Maximum Repetitive Peak Forward Current Maximum Forward Voltage IF= 100uA IF= 1mA IF= 10mA IF= 30mA IF= 100mA Maximum Reverse Current VR= 25V Maximum Junction Capacitance VR= 1V, f= 1MHz Maximum Reverse Recovery Time IF= 10mA, IR= 10mA, IRR= 1mA, RL= 100W Thermal Resistance*
* (Mounted on a 10x8x0.6mm ceramic substrate)
Symbol
VRRM IFRM
Ratings
30 300 240 320 400 500 1000 2.0 15 5 430
Unit
V mA
VF
mV
IR Cj trr Rjc
uA pF ns
o
C/W
RECTRON USA
1315 John Reed Court, Industry, CA 91745 Tel: (626) 333-3802 Fax: (626) 330-6296 www.rectron.com


▲Up To Search▲   

 
Price & Availability of BAT54S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X